Part Number Hot Search : 
HDM3224 CD82C54 331M10 68HC711 L4448 25015 SF2008D SEL1721Y
Product Description
Full Text Search
 

To Download E354331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 1 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 interference suppression film capacitors mkp radial potted type features ? aec-q200 qualified ? 15 mm to 27.5 mm lead pitch, supplied loose in box, taped on ammopack or reel ? material categorization: ? for definitions of co mpliance please see www.vishay.com/doc?99912 applications for standard line bypass (bet ween line and ground) y2 applications ? see also application note: ? www.vishay.com/doc?28153 note ?for more detailed data and test requirements, contact rfi@vishay.com quick reference data capacitance range (e12 series) 0.001 f to 0.1 f (p referred values acc. to e6) capacitance to lerance 20 % rated voltage 300 v ac ; 50 hz to 60 hz permissible dc voltage 1000 v dc climatic testing class (according to en 60068-1) 55/105/56/c for pr oduct volumes ? 1750 mm 3 55/105/56/b for product volumes > 1750 mm 3 maximum application temperature 105 c reference standards iec 60384-14 ed-3 and en 60384-14 iec 60065 requires pass. flamm. class b for volumes > 1750 mm 3 ul 60384-14 csa-e384-14 cqc dielectric polypropylene film electrodes metallized film construction series construction triple construction encapsulation plastic case, epoxy resin sealed, flame retardant class ul 94 v-0 terminals tinned wire marking c-value; tolerance; rated voltage; sub-class; manufacturers type designation; code for dielectric material, manufacturer location; manufacturers logo, year and week; safety approvals
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 2 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 composition of catalog number note (1) for detailed tape specification refer to packaging information www.vishay.com/doc?28139 note (1) see voltage proof test for metalized film capacitors: www.vishay.com/doc?28169 dimensions specific reference data description value rated ac voltage (u rac ) 300 v permissible dc voltage (u rdc ) 1000 v tangent of loss angle at 1 khz at 10 khz c ? 100 nf ? 10 x 10 -4 ? 20 x 10 -4 rated voltage pulse slope (du/dt) r at 420 v dc 100 v/s r between leads at 100 v; 1 min > 15 000 m ? r between leads and case; 100 v; 1 min > 30 000 m ? withstanding (dc) voltag e (cut off current 10 ma) (1) ; rise time ? 1000 v/s 3400 v; 1 min withstanding (ac) voltage between leads and case 2100 v; 1 min maximum applicatio n temperature 105 c w d t l p h l t f 1710 x xx xxxx multiplier (nf) capacitance (numerically) packaging (1) type example: 3 10 = 10 nf 0.1 2 13 10 4 100 5
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 3 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? spq = standard packing quantity (1) reel diameter = 365 mm is available on request (2) h = in-tape height; p 0 = sprocket hole distance; for detailed specifications refer to packaging information (3) weight for short lead product only electrical data and ordering information u rdc (v) cap. (f) dimensions w x h x l (mm) mass (g) (3) catalo g number f1710... and packa g in g loose in box taped short leads lon g leads l t = 4 mm - 1 mm l t = 6.0 mm - 1.0 mm spq l t = 30.0 mm + 5.0 mm spq reel: ? = 500 mm (1)(2) h = 18.5 mm; p 0 = 12.7 mm spq 1000 pitch = 15 mm 0.4 mm; d t = 0.60 mm 0.06 mm; c-tol. = 20 % 0.0010 5.0 x 11.0 x 17.5 1 2101004 2101000 750 2101030 900 2101901 1000 0.0012 2121004 2121000 2121030 2121901 0.0015 2151004 2151000 2151030 2151901 0.0018 2181004 2181000 2181030 2181901 0.0022 2221004 2221000 2221030 2221901 0.0027 2271004 2271000 2271030 2271901 0.0033 2331004 2331000 2331030 2331901 0.0039 2391004 2391000 2391030 2391901 0.0047 2471004 2471000 2471030 2471901 0.0056 2561004 2561000 2561030 2561901 0.0068 2681004 2681000 2681030 2681901 0.0082 2821004 2821000 500 2821030 750 2821901 1000 0.010 3101004 3101000 3101030 3101901 0.012 3121004 3121000 450 3121030 500 3121901 800 0.015 6.0 x 12.0 x 17.5 1.4 3151004 3151000 3151030 3151901 0.018 3181004 3181000 300 3181030 500 3181901 700 pitch = 15 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.022 7.0 x 13.5 x 17.5 1.8 3221004 3221000 300 3221030 500 3221901 700 pitch = 22.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.027 6.0 x 15.5 x 26.0 2.4 3271004 3271000 260 3271030 1250 3271901 600 0.033 3331004 3331000 3331030 3331901 0.039 7.0 x 16.5 x 26.0 2.9 3391004 3391000 235 3391030 750 3391901 500 0.047 3471004 3471000 200 3471030 750 3471901 450 0.056 3561004 3561000 170 3561030 500 3561901 400 0.068 8.5 x 18.0 x 26.0 3.8 3681004 3681000 3681030 3681901 pitch = 27.5 mm 0.4 mm; d t = 0.80 mm 0.08 mm; c-tol. = 20 % 0.082 9.0 x 19.0 x 31.0 5.5 3821004 3821000 125 3821030 400 3821901 250 0.100 4101004 4101000 4101030 4101901
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 4 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mounting normal use the capacitors are designed for mounting on printed-circuit boards. the capacitors packed in bandoliers are designed for mounting in printed circuit boards by means of automatic insertion machines. ? for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 specific method of mounting to withstand vibrat ion and shock in order to withstand vibration and shock tests, it must be ensured that the stand-off pi ps are in good contact with the printed-circuit board: ? for pitches ? 15 mm capacitors shall be mech anically fixed by the leads ? for larger pitches the capacitors shall be mounted in the same way and the body clamped space requirements on printed-circuit board the maximum space for length (i max. ), width (w max. ), and height (h max. ) of film capacitors to take in account on the printed-circuit board is shown in the drawings: ? for products with pitch ? 15 mm, ? w = ? l = 0.3 mm; ? h = 0.1 mm ? for products with 15 mm < pitch, ? 27.5 mm, ? w = ? l = 0.5 mm; ? h = 0.1 mm eccentricity defined as in drawing. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. soldering conditions for general soldering conditions and wave solder ing profile, we refer to the application note: ? soldering guidelines for film capacitors: www.vishay.com/doc?28171 storage temperature t stg = - 25 c to + 35 c with rh maximum 75 % without condensation ratings and characteristics reference conditions unless otherwise specified, all electrical values apply to an a mbient temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditioning period shall be applied ov er 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relati ve humidity not exceeding 20 %. approvals safety approvals y2 volta g e value file numbers enec-en60384-14 ? iec 60384-14 ed-3 300 v ac 0.001 f to 0.1 f fi 2011025 ul 60384-14 300 v ac 0.001 f to 0.1 f E354331 csa-e384-14 300 v ac 0.001 f to 0.1 f E354331 cb-test certificate 300 v ac 0.001 f to 0.1 f fi 6763 the enec-approval together with the cb-certificate replace all national marks of the following countries (they have already sig ned the enec-agreement): austria; belgium; czech. republic; denmark; finland; france; germany; greece; hungary; ireland; italy; luxembo urg; netherlands; norway; portugal; slovenian; sp ain; sweden, switzerland and united kingdom. cba116 eccentricity w max. = w + h max. = h + i max. = i + seating plane
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 5 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 characteristics capacitance as a function of ambient temperature (typical curve) impedance as a func tion of frequency (typical curve) max. rms voltage as a function of frequency tangent of loss angle as a function of frequency (typical curve) resonant frequency as a function of capacitance (typical curve) max. rms current as a function of frequency typical - 50 c/c (%) 2 - 2 - 4 - 6 0 050 100 t amb (c) 4 max. min. 10 2 10 3 10 -1 10 -2 10 1 10 0 10 4 10 5 10 6 10 7 10 8 f (hz) impedance ( ) 1 nf 4.7 nf 10 nf 47 nf 100 nf 470 nf 10 2 10 1 10 3 10 4 10 5 f (hz) t amb 105 c ac voltage (v) 10 3 10 2 10 1 10 1 10 1 10 2 10 3 10 0 10 2 10 3 10 4 10 5 f (hz) dissipation factor (x 10 -4 ) 47 nf < c 220 nf 10 nf < c 47 nf c 10 nf c > 220 nf c (nf) 1101001000 10 000 f (mhz) 10 2 10 1 10 0 10 -1 y2 10 2 10 1 10 3 10 4 10 5 f (hz) 10 3 10 0 10 -1 10 2 10 1 47 nf 10 nf 1nf 4.7 nf ac current (ma) 470 nf 100 nf t amb 105 c
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 6 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 insulation resistance as a function of ambient temperature application notes ? for x2 electromagnetic interference suppression in standard across the line application (50 hz/60 hz) with a maximum mains voltage of 310 v ac ? for series impedance applications we refer to the application note: www.vishay.com/doc?28153 ? for capacitors connected in parallel, normally the proof voltage and possibly the rated voltage must be reduced. for information depending of the capacitance value an d the number of parallel connections contact: rfi@vishay.com ? these capacitors are not intended for continuous pulse applic ations. for these situations, capacitors of the ac and pulse program must be used. ? the maximum ambient temperature must not exceed 110 c (125 c for less than 1000 h) for c ? 470 nf and 110 c for c > 470 nf. ? rated voltage pulse slope: ? if the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 v dc and divided by the applied voltage. inspection requirements g eneral notes sub-clause numbers of tests and perf ormance requirements refer to the s ectional specification, publication iec 60384-14 ed-3 and specific reference data. g roup c inspection requirements sub-clause number and test cond itions performance requirements sub- g roup c1a part of sample of sub- g roup c1 4.1 dimensions (detail) as specified in chapters general data of this specification initial measurements capacitance tangent of loss angle: ? at 10 khz ? 4.3 robustness of terminations tensile: load 10 n; 10 s bending: load 5 n; 4 x 90 ? no visible damage 4.4 resistance to soldering heat no pre-drying method: 1a solder bath: 280 c 5 c duration: 10 s 10 6 10 5 10 4 0 20 40 60 80 100 t amb (c) rc (s)
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 7 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub- g roup c1a part of sample of sub- g roup c1 4.19 component solvent resistance isopropylalcohol at room temperature method: 2 ? immersion time: 5 min 0.5 min recovery time: min. 1 h, max. 2 h ? 4.4.2 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured initially ? tangent of loss angle increase of tan ? ? 0.008 ? compared to values measured initially ? insulation resistance as specified in section insulation resistance of this specification sub- g roup c1b part of sample of sub- g roup c1 initial measurements capacitance tangent of loss angle: ? at 10 khz ? 4.20 solvent resistance of the marking: isopropylalcohol at room temperature method: 1 rubbing material: co tton wool immersion time: 5 min 0.5 min ? no visible damage ? legible marking ? 4.6 rapid change of temperature ? a = - 55 c ? ? b = + 105 c 5 cycles ? duration t = 30 min ? 4.6.1 inspection ? 4.7 vibration visual examination mounting: see section mounting of this specification procedure b4: frequency range: 10 hz to 55 hz amplitude: 0.75 mm or acceleration 98 m/s2 (whichever is less severe) total duration 6 h ? no visible damage ? ? ? ? ? ? 4.7.2 final inspection visual examination ? no visible damage 4.9 shock mounting: see sect ion mounting for more information pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms ? 4.9.2 final measurements visual examination no visible damage ? capacitance | ? c/c| ? 5 % of the value measured initially ? tangent of loss angle increase of tan ? ? 0.008 ? compared to values measured initially ? insulation resistance as specified in section insulation resistance of this specification sub-clause number and test cond itions performance requirements
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 8 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub- g roup c1 combined sample of specimens of sub- g roups c1a and c1b 4.11 climatic sequence 4.11.1 initial measur ements capacitance measured in 4.4.2 and 4.9.2 tangent of loss angle: measured initially in c1a and c1b ? 4.11.2 dry heat temperature: 105 c duration: 16 h ? 4.11.3 damp heat cyclic ? test db ? first cycle ? 4.11.4 cold temperature: - 55 c duration: 2 h ? 4.11.5 damp heat cyclic ? test db ? remaining cycles 4.11.6 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 5 % of the value measured in 4.11.1. ? tangent of loss angle increase of tan ??? 0.008 ? compared to values measured in 4.11.1 ? voltage proof ? 2250 v dc ; 1 min betwee n terminations no permanent breakdown or flash-over insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub- g roup c2 4.12 damp heat steady state 56 days, 40 c, 90 % to 95 % rh, ? no load capacitance ? 4.12.1 initial measurements tang ent of loss angle at 1 khz ? 4.12.3 final measurements visual examination no visible damage legible marking ? capacitance ? | ? c/c| ? 5 % of the value measured in 4.12.1. tangent of loss angle increase of tan ? ? 0.007 compared to values measured in 4.12.1. ? voltage proof ? 2250 v dc ; 1 min betwee n terminations ? no permanent breakdown or flash-over insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub-clause number and test cond itions performance requirements
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 9 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub- g roup c3 4.13.1 initial measur ements capacitance ? tangent of loss angle: ? at 10 khz ? 4.13 impulse voltage 3 successive impulses, full wave, peak voltage: x1: 5 kv max. 24 pulses ? no selfhealing breakdowns or flash-over 4.14 endurance duration: 1000 h 1.7 x u rac at 105 c once in every hour the voltage is increased to 1000 v rms for 0.1 s via resistor of 47 ? 5 % ? 4.14.7 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 10 % compared to values measured in 4.13.1. ? tangent of loss angle increase of tan ??? 0.008 ? compared to values measured in 4.13.1. ? voltage proof 2250 v dc ; 1 min between terminations ? 2100 v ac ; 1 min between terminations and case ? no permanent breakdown or flash-over insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub- g roup c4 4.15 charge and discharge 10 000 cycles charged to 420 v dc ? discharge resistance: ? 4.15.1 initial measur ements capacitance tangent of loss angle: ? at 10 khz ? 4.15.3 final measur ements capacitance | ? c/c| ? 10 % compared to values measured in 4.15.1. ? tangent of loss angle increase of tan ??? 0.008 ? compared to values measured in 4.15.1. ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub- g roup c5 4.16 radio frequency characte ristic resonance frequency ? 0.9 times the value as specified in section resonant frequency of this specification sub-clause number and test cond itions performance requirements r 420 v dc 1.5 x c (du/dt) --------------------------------------- - =
not recommended for new designs, use mkp338 6 y2 f1710 300v y2 www.vishay.com vishay roederstein revision: 12-jun-13 10 document number: 26545 for technical questions, contact: rfi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub- g roup c6 4.17 passive flammability ? class b/c bore of gas jet: ? 0.5 mm fuel: butane test duration for actual volume v in mm 3 : v ? 250: 5 s 250 < v ? 500: 10 s 500 < v ? 1750: 20 s v > 1750: 60 s one flame application after removing test flam e from capacitor, the capacitor must not conti nue to burn for more than 30 s for v ? 1750 mm 3 and 10 s for v > 1750 mm 3 . no burning particle must drop from the sample. sub- g roup c7 4.18 active flammability 20 cycles of 5 kv disc harges on the test capacitor connected to u rac the cheese cloth around the capacitors shall not burn with a flame. no electrical measurements are required. sub-clause number and test cond itions performance requirements 45.0 ~ 8 mm 12 mm
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of E354331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X